Part Number Hot Search : 
6701QX ON1516 0720EDJ 1N4755G C1683 BL55077 2SC3359P UPD43
Product Description
Full Text Search
 

To Download ER100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?? ? 50 --- 600 v 1.0 a ER100 er101 er101a er102 er103 er104 50 100 200 300 400 50 100 200 300 400 35 70 140 210 280 65 30 1.0 1.3 5.0 100 ER100 ...... er106 er106 600 600 420 35 1.7 0.95 150 150 105 siyu r 17 ER100 er101 er101a er102 er103 er104 er106 ??? maximum repetitive peak reverse voltage ? maximum rms voltage ??? maximum dc blocking voltage ? maximum average forward rectified current ?? 8.3ms??? peak forward surge current 8.3 ms single half sine-wave typical thermal resistance o?? operating junction and storage temperature range -55 --- +150 v v v a a /w v rrm v rms v dc i f(av) i fsm tj, tstg ?? ta = 25 maximum ratings & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. symbols unit plastic ultra-fast recover rectifier reverse voltage 50 to 600v forward current 1.0a 1.0(25.4) min .205(5.2) .166(4.2) 1.0(25.4) min .107(2.7) .080(2.0) dia dia .034(0.9) .028(0.7) do-41 unit inch mm ? ta= 25 ta=100 ?? i f =0.5a i r =1.0a i rr =0.25a ? v r = 4.0v, f = 1mhz v a ns pf i r trr c j maximum forward voltage maximum reverse current type junction capacitance ta = 25 electrical characteristics ratings at 25 ambient temperature unless otherwise specified. symbols unit max. reverse recovery time v f i f = 1.0a r ja dachang electronics features ? low reverse leakage ?? high forward surge capability o?? high temperature soldering guaranteed: 260 /10 , 0.375" (9.5mm) ?? 260 /10 seconds, 0.375" (9.5mm) lead length, ?? 5 (2.3kg) 5 lbs. (2.3kg) tension mechanical data : terminals: plated axial leads : ?? polarity: color band denotes cathode end ? : mounting position: any ??? rohs ? lead and body according with rohs standard www.datasheet.co.kr datasheet pdf - http://www..net/
ER100 ...... er106 siyu r i f (a) ?? ? v f (v) ? ta( c ) ? ?? i fsm (a) ? i f(av) (a) ??? characteristic curves typical forward characteristic forward current derating curve i f instantaneous forward current (a) v f instantaneous forward voltage (v) tamb, ambient temperature (c) i f(a) average forward rectified current (a) maximum non repetitive peak forward surge current number of cycles at 60 hz. i fsm peak forward surge current (a) 0.6 0.8 1 1.2 1.4 1.6 0.01 0.1 0.2 1 2 10 tj = 25 c ER100 thru er102 er106 er103, er104 10mm 10mm 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 175 10mm 10mm 1 2 4 6 10 20 40 100 40 30 20 10 0 50 dachang electronics www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of ER100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X